Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FS32R274VBK2MMM Arkusz danych(PDF) 18 Page - NXP Semiconductors

Numer części FS32R274VBK2MMM
Szczegółowy opis  S32R274/S32R264 Series Data Sheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32R274VBK2MMM Arkusz danych(HTML) 18 Page - NXP Semiconductors

Back Button FS32R274VBK2MMM Datasheet HTML 14Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 15Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 16Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 17Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 18Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 19Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 20Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 21Page - NXP Semiconductors FS32R274VBK2MMM Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
Figure 2. SMPS External Components Configuration
Table 10. SMPS External Components
Ref
Description
M1
SI3443, 2SQ2315
L1
2.2 uH 3A < 100 mΩ series resistance (Ex. Bourns SRU8043-2R2Y)
D1
SS8P3L 8A Schottcky Diode
R1
24 kΩ
C1
10 μF Ceramic
C2
100 nF Ceramic
C3
100 nF Ceramic (place close to inductor)
C4
10 uF Ceramic (place close to inductor)
C5
1 nF Ceramic
C6
4 x 100 nF + 4 x 10nF Ceramic (place close to MCU supply pins)
C7
4 x 10 μF Ceramic (place close to MCU supply pins)
C8
100 nF Ceramic
C9
1 μF Ceramic (Unless C1 is really close to the pin)
General
S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021
18
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78