| Zakładka z wyszukiwarką danych komponentów |
|
FS32R274VBK2VMM Arkusz danych(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32R274VBK2VMM Arkusz danych(HTML) 39 Page - NXP Semiconductors |
|
39 / 78 page ![]() 8.4 Data retention vs program/erase cycles Graphically, Data Retention versus Program/Erase Cycles can be represented by the following figure. The spec window represents qualified limits. The extrapolated dotted line demonstrates technology capability, however is beyond the qualification limits. 8.5 Flash memory AC timing specifications Table 31. Flash memory AC timing specifications Symbol Characteristic Min Typical Max Units tpsus Time from setting the MCR-PSUS bit until MCR-DONE bit is set to a 1. — 9.4 plus four system clock periods 11.5 plus four system clock periods μs tesus Time from setting the MCR-ESUS bit until MCR-DONE bit is set to a 1. — 16 plus four system clock periods 20.8 plus four system clock periods μs Table continues on the next page... Memory modules S32R274/S32R264 Series Data Sheet, Rev. 6, 06/2021 NXP Semiconductors 39 |