| Zakładka z wyszukiwarką danych komponentów |
|
JANS2ST3360KX Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
JANS2ST3360KX Arkusz danych(HTML) 4 Page - STMicroelectronics |
|
4 / 12 page ![]() Table 4. Electrical characteristics for PNP (Tamb = 25 °C unless otherwise specified) Symbol Parameter Test conditions Min. Max. Unit ICBO Collector-base cut-off current (IE = 0) VCB = 60 V 100 nA VCB = 60 V, Tamb = 150 °C 10 µA IEBO Emitter-base cut-off current (IC = 0) VEB = 6 V 100 nA V(BR)CBO Collector-base breakdown voltage (IE = 0) IC = 100 μA 60 V V(BR)CEO Collector-emitter breakdown voltage (IB = 0) IC = 1 mA 60 V V(BR)EBO Emitter-base breakdown voltage IE = 10 μA 6 V VBE(on) Base-emitter on voltage VCE = 2 V, IC = 100 mA 600 720 mV VCE(sat) (1) Collector-emitter saturation voltage IC = 0.8 A, IB = 40 mA 180 mV IC = 2 A IB = 100 mA 440 mV hFE (1) DC current gain IC = 100 mA, VCE = 2 V 100 IC = 100 mA, VCE = 2 V, Tamb = -55 °C 40 IC = 1 A, VCE = 2 V 160 400 ton Turn on-time VCC = 10 V, IC = 0.8 A, Ibon = 80 mA, Iboff = -80 mA(2) 150 ns toff Turn off-time 1 µs COBO Output capacitance VCB = 10 V, IE = 0 A, f = 1 MHz 60 pF 1. Pulse test: pulse duration ≤ 300 μs, duty cycle ≤ 2%. 2. Resistive load JANS2ST3360K Electrical characteristics DS11305 - Rev 3 page 4/12 |