| Zakładka z wyszukiwarką danych komponentów |
|
L9969S Arkusz danych(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9969S Arkusz danych(HTML) 56 Page - STMicroelectronics |
|
56 / 70 page ![]() 4 Functional safety The device is used for the control of actuators from the safety-relevant path, the classification implemented is ISO 26262 ASIL- B(D). This is done in order to allow the system to guarantee that the vehicle can be led in a safe state in case of any type of failure. The IC development process has been carried out according to ISO 26262-5 ASIL B(D). Figure 32. Block diagram of the H-bridge module Figure 33. Block diagram of the H-bridge FS marking L9969x Functional safety DS14029 - Rev 3 page 56/70 |