| Zakładka z wyszukiwarką danych komponentów |
|
MPZ2012S221A Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MPZ2012S221A Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 56 page ![]() 3 Maximum ratings 3.1 Absolute maximum ratings Stressing the device above the ratings listed in Table 3. Absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect device reliability. Table 3. Absolute maximum ratings Symbol Parameter Min. Max. Unit VIN Maximum pin voltage -0.3 42 V AGND Maximum pin voltage 0 0 V PGND Maximum pin voltage - 0.3 0.3 V BOOT Maximum pin voltage SW - 0.3 SW + 4 V VCC Maximum pin voltage - 0.3 Min. (VIN + 0.3 V; 4 V V FB Maximum pin voltage - 0.3 8 V FSW Maximum pin voltage - 0.3 VCC + 0.3 V VBIAS Maximum pin voltage - 0.3 VIN + 0.3 V EN Maximum pin voltage - 0.3 VIN + 0.3 V PGOOD Maximum pin voltage - 0.3 VIN + 0.3 V SW Maximum pin voltage - 0.85 VIN + 0.3 V - 3.8 for 0.5 ns (1) V TJ Operating temperature range - 40 150 °C TSTG Storage temperature range - 65 150 °C TLEAD Lead temperature (soldering 10 sec.) 260 °C IHS, ILS High-side / low-side RMS switch current 3 A 1. Negative peak voltage during switching activities caused by parasitic layout elements. 3.2 ESD protection Table 4. ESD performance Symbol Parameter Test conditions Value Unit ESD ESD protection voltage HBM 2 kV CDM (corner pins) 750 V CDM 500 3.3 Thermal characteristics Table 5. Thermal data Symbol Parameter Package Value Unit Rth_JA Thermal resistance junction ambient (device soldered on the STMicroelectronics demonstration board, please refer to Section 11 Application board) QFN16 42 °C/W L6983I Maximum ratings DS14040 - Rev 1 page 5/56 |