| Zakładka z wyszukiwarką danych komponentów |
|
ST33TPHF2XI2C Arkusz danych(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF2XI2C Arkusz danych(HTML) 25 Page - STMicroelectronics |
|
25 / 30 page ![]() Appendix B Referenced documents The following materials are to be used in conjunction with or are referenced by this document. [TPM 2.0 P1 r138] TPM Library, Part 1, Architecture, Family 2.0, rev 1.38, TCG [TPM 2.0 P2 r138] TPM Library, Part 2, Structures, Family 2.0, rev 1.38, TCG [TPM 2.0 P3 r138] TPM Library, Part 3, Commands, Family 2.0, rev 1.38, TCG [TPM 2.0 P4 r138] TPM Library, Part 4, Supporting routines, Family 2.0, rev 1.38, TCG [TPM 2.0 rev138 Err 1.12] TPM Library, Family 2.0, rev 1.38, Errata 1.12, January 28 2021, TCG. [PTP 2.0 r1.04] TCG PC Client Specific Platform TPM Specification (PTP) - Version 2.0 Revision 37, February 3, 2020, TCG [PKCS#1] PKCS#1: v2.1 RSA Cryptography Standard, RSA Laboratories [AN2639] Application note, Soldering recommendations and package information for Lead-free ECOPACK microcontrollers, STMicroelectronics [TCG EK Cre Profile TPM 2.3] TCG EK credential profile for TPM Family 2.0 Level 0. Specification Version 2.3 Revision 2, 23 July 2020, TCG. [TPM 2.0 PP] Protection Profile PC Client Specific TPM, Family 2.0 Level 0 revision 1.38 (1.2), TCG. [SP800-90B] Recommendation for the entropy sources used for random bit generation, January 2018, NIST [SP800-90Ar1] Recommendation for random number generation using deterministic random bit generators, June 2015, NIST ST33TPHF2XI2C Referenced documents DS14167 - Rev 1 page 25/30 |