| Zakładka z wyszukiwarką danych komponentów |
|
P87C528EBAAA Arkusz danych(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87C528EBAAA Arkusz danych(HTML) 4 Page - NXP Semiconductors |
|
4 / 26 page ![]() Philips Semiconductors Product specification 80C528/83C528 CMOS single-chip 8-bit microcontrollers 1995 Feb 02 4 ORDERING INFORMATION PHILIPS PART ORDER NUMBER PART MARKING PHILIPS NORTH AMERICA PART ORDER NUMBER ROMless ROM ROMless ROM Drawing Number TEMPERATURE oC RANGE AND PACKAGE FREQ MHz P80C528FBP P83C528FBP/xxx P80C528FBP N P83C528FBP N SOT129-1 0 to +70, Plastic Dual In-line Package 16 P80C528FBA P83C528FBA/xxx P80C528FBA A P83C528FBA A SOT187-2 0 to +70, Plastic Leaded Chip Carrier 16 P80C528FBB P83C528FBB/xxx P80C528FBB B P83C528FBB B SOT307-2 0 to +70, Plastic Quad Flat Pack 16 P80C528FFP P83C528FFP/xxx P80C528FFP N P83C528FFP N SOT129-1 –40 to +85, Plastic Dual In-line Package 16 P80C528FFA P83C528FFA/xxx P80C528FFA A P83C528FFA A SOT187-2 –40 to +85, Plastic Leaded Chip Carrier 16 P80C528FFB P83C528FFB/xxx P80C528FFB B P83C528FFB B SOT307-2 –40 to +85, Plastic Quad Flat Pack 16 P80C528FHP P83C528FHP/xxx P80C528FHP N P83C528FHP N SOT129-1 –40 to +125, Plastic Dual In-line Package 16 P80C528FHA P83C528FHA/xxx P80C528FHA A P83C528FHA A SOT187-2 –40 to +125, Plastic Leaded Chip Carrier 16 P80C528FHB P83C528FHB/xxx P80C528FHB B P83C528FHB B SOT307-2 –40 to +125, Plastic Quad Flat Pack 16 P83C528FBR/xxx SOT270-1 0 to +70, Plastic Shrink Dual In-Linr Package 16 NOTE: 1. xxx denotes the ROM code number. |