| Zakładka z wyszukiwarką danych komponentów |
|
P87LPC767FD Arkusz danych(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P87LPC767FD Arkusz danych(HTML) 53 Page - NXP Semiconductors |
|
53 / 60 page ![]() Philips Semiconductors Product data 87LPC767 Low power, low price, low pin count (20 pin) microcontroller with 4-kbyte OTP and 8-bit A/D converter 2001 Aug 07 50 COMPARATOR ELECTRICAL CHARACTERISTICS VDD = 3.0 V to 6.0 V unless otherwise specified; Tamb = 0 °C to +70 °C, –40 °C to +85 °C, or –40 °C to +125 °C, unless otherwise specified SYMBOL PARAMETER TEST CONDITIONS LIMITS UNIT SYMBOL PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Offset voltage comparator inputs1 ±10 mV VCR Common mode range comparator inputs 0 VDD–0.3 V CMRR Common mode rejection ratio1 –50 dB Response time 250 500 ns Comparator enable to output valid 10 µs IIL Input leakage current, comparator 0 < VIN < VDD ±10 µA NOTE: 1. This parameter is guaranteed by characterization, but not tested in production. A/D CONVERTER DC ELECTRICAL CHARACTERISTICS Vdd = 3.0 V to 6.0 V unless otherwise specified; Tamb = 0 to +70 °C for commercial, -40 °C to +85 °C for industrial, or –40 °C to +125 °C for extended industrial, unless otherwise specified. SYMBOL PARAMETER TEST CONDITIONS LIMITS UNIT SYMBOL PARAMETER TEST CONDITIONS MIN MAX UNIT AVIN Analog input voltage VSS - 0.2 VDD + 0.2 V RREF Resistance between VDD and VSS A/D enabled tbd tbd k Ω CIA Analog input capacitance 15 pF DLe Differential non-linearity1,2,3 ±1 LSB ILe Integral non-linearity1,4 ±1 LSB OSe Offset error1,5 ±1 LSB Ge Gain error1,6 ±1 % Ae Absolute voltage error1,7 ±1 LSB MCTC Channel-to-channel matching ±1 LSB Ct Crosstalk between inputs of port8 0 to 100 kHz -60 dB - Input slew rate 100 V/ms - Input source impedance 10 k Ω NOTES: 1. Conditions: VSS = 0 V; VDD = 5.12 V. 2. The A/D is monotonic, there are no missing codes 3. The differential non-linearity (DLe) is the difference between the actual step width and the ideal step width. See Figure 40. 4. The integral non-linearity (ILe) is the peak difference between the center of the steps of the actual and the ideal transfer curve after appropriate adjustment of gain and offset errors. See Figure 40. 5. The offset error (OSe) is the absolute difference between the straight line which fits the actual transfer curve (after removing gain error), and the straight line which fits the ideal transfer curve. See Figure 40. 6. The gain error (Ge) is the relative difference in percent between the straight line fitting the actual transfer curve (after removing offset error), and the straight line which fits the ideal transfer curve. Gain error is constant at every point on the transfer curve. See Figure 40. 7. The absolute voltage error (Ae) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated ADC and the ideal transfer curve. 8. This should be considered when both analog and digital signals are input simultaneously to A/D pins. 9. Changing the input voltage faster than this may cause erroneous readings. 10. A source impedance higher than this driving an A/D input may result in loss of precision and erroneous readings. |