Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DA9080 Arkusz danych(PDF) 36 Page - Renesas Technology Corp

Numer części DA9080
Szczegółowy opis  High Current, Highly Configurable System PMIC with Four Bucks and One LDO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9080 Arkusz danych(HTML) 36 Page - Renesas Technology Corp

Back Button DA9080 Datasheet HTML 32Page - Renesas Technology Corp DA9080 Datasheet HTML 33Page - Renesas Technology Corp DA9080 Datasheet HTML 34Page - Renesas Technology Corp DA9080 Datasheet HTML 35Page - Renesas Technology Corp DA9080 Datasheet HTML 36Page - Renesas Technology Corp DA9080 Datasheet HTML 37Page - Renesas Technology Corp DA9080 Datasheet HTML 38Page - Renesas Technology Corp DA9080 Datasheet HTML 39Page - Renesas Technology Corp DA9080 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
DA9080
High Current, Highly Configurable System PMIC with Four Bucks and One
LDO
Datasheet
Revision 1.2
08-Feb-2022
CFR0011-120-00
36 of 51
© 2022 Renesas Electronics
Addr
Register
7
6
5
4
3
2
1
0
Rese
t
0x000
D
PMC_LDO_SEQ_GRP
Reserved
Reserve
d
Reserved
Reserved
Reserved
Reserved
LDO_GRP<1:0>
0x00
0x000
E
PMC_PG1
Reserved
Reserve
d
Reserved
BUCK4_PG1
BUCK3_PG1
BUCK2_PG1
BUCK1_PG1
LDO_PG1
0x04
0x000
F
PMC_PG2
Reserved
Reserve
d
Reserved
BUCK4_PG2
BUCK3_PG2
BUCK2_PG2
BUCK1_PG2
LDO_PG2
0x1A
0x001
0
PMC_DISCHARGE
Reserved
Reserve
d
Reserved
BUCK4_DISCHAR
GE
BUCK3_DISCHAR
GE
BUCK2_DISCHAR
GE
BUCK1_DISCHAR
GE
LDO_DISCHAR
GE
0x1F
0x001
1
PMC_TEMP
TEMP<7:0>
0x00
0x001
2
PMC_ADC0
ADC0<7:0>
0x00
0x001
3
PMC_ADC1
ADC1<7:0>
0x00
0x001
4
PMC_REVISION_ID
REVISION_ID<7:0>
0xE9
OTP Control
Chip ID
0x006
2
OTP_CONFIG_ID
CONFIG_REV<7:0>
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52