| Zakładka z wyszukiwarką danych komponentów |
|
SN250 Arkusz danych(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250 Arkusz danych(HTML) 36 Page - STMicroelectronics |
|
36 / 130 page ![]() Functional description—application modules SN250 36/130 GPIO_OUTH [0x4704] GPIO_OUTL [0x4706] GPIO_SETH [0x4708] 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 GPIO_OUTH 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-RW 0 GPIO_OUTH [0] Write the output level of GPIO[16] pin. The value read may not match the actual value on the pin. 15 0-RW 14 0-RW 13 0-RW 12 0-RW 11 0-RW 10 0-RW 9 0-RW 8 0-RW GPIO_OUTL GPIO_OUTL 0-RW 7 0-RW 6 0-RW 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 GPIO_OUTL [15:0] Write the output level of GPIO[15:0] pins. The value read may not match the actual value on the pin. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0GPIO_SETH 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-W 0 GPIO_SETH [0] Set the output level of GPIO[16] pin. Only writing ones into this register will have an effect. Any bit that has one written to it will cause the corresponding bit in GPIO_OUTH to become 1. |