| Zakładka z wyszukiwarką danych komponentów |
|
SN250QT Arkusz danych(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250QT Arkusz danych(HTML) 38 Page - STMicroelectronics |
|
38 / 130 page ![]() Functional description—application modules SN250 38/130 GPIO_DIRH [0x4714] GPIO_DIRL [0x4716] GPIO_DIRSETH [0x4718] 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0GPIO_DIRH 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-RW 0 GPIO_DIRH [0] Enable the output of GPIO[16] pin. 15 0-RW 14 0-RW 13 0-RW 12 0-RW 11 0-RW 10 0-RW 9 0-RW 8 0-RW GPIO_DIRL GPIO_DIRL 0-RW 7 0-RW 6 0-RW 5 0-RW 4 0-RW 3 0-RW 2 0-RW 1 0-RW 0 GPIO_DIRL [15:0] Enable the output of GPIO[15:0] pins. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 GPIO_ DIRSETH 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-W 0 GPIO_DIRSETH [0] Set the output enable of GPIO[16] pin. Only writing ones into this register will have an effect. Any bit that has one written to it will cause the corresponding bit in GPIO_DIRH to become 1. |