| Zakładka z wyszukiwarką danych komponentów |
|
HTMS1301FUG/AM Arkusz danych(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS1301FUG/AM Arkusz danych(HTML) 20 Page - NXP Semiconductors |
|
20 / 44 page ![]() 184430 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet PUBLIC Rev. 3.0 — 18 March 2010 184430 20 of 44 NXP Semiconductors HITAG µ ISO 18000 transponder IC 14. Command set The first part of this section (Section 14.1) describes the flags used in every RWD command. The following subsections (Section 14.3 until Section 14.11) explain all implemented commands and their suitable transponder IC responses which are done with tables showing the command itself and suitable responses. Within tables flags, parameter bits and parts of a response written in braces are optional. That means if the suitable flag is set resulting transponder IC's action will be performed according to Section 14.1. Every command is embedded in SOF and EOF pattern. As described in Table 8 and Table 9 sending and receiving data is done with the least significant bit of every field on first position. Important information: In this document the fields (i.e. command codes) are written with most significant bit first. [1] Values in braces are optional. [2] Data is sent with least significant bit first. [1] Values in braces are optional. [2] Data is sent with least significant bit first. Table 8. Reader - Transponder IC transmission [1][2] SOF Flags Commands Parameters Data CRC-16 EOF - 5 6 var. var. (16) - - LSB ... MSB LSB ... MSB LSB ... MSB LSB ... MSB LSB ... MSB - Table 9. Transponder IC - Reader transmission [1][2] SOF Error flag Data/Error code CRC-16 EOF - 1 var. (16) - - - LSB ... MSB LSB ... MSB - |