| Zakładka z wyszukiwarką danych komponentów |
|
HC05RC16GRS/D Arkusz danych(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D Arkusz danych(HTML) 21 Page - NXP Semiconductors |
|
21 / 122 page ![]() General Description Signal Description MC68HC05RC16 — Rev. 3.0 General Release Specification General Description 1.5 Signal Description The MC68HC05RC16 is available in 1. 28-pin dual-in-line package (DIP) see Figure 1-2 2. 28-pin small outline integrated circuit (SOIC) package see Figure 1-3 3. 44-pin plastic leaded chip carrier (PLCC) package see Figure 1-4 The signals are described in the following subsections. Figure 1-2. 28-Pin DIP Pinout PB4 PB5 PB6 PB7 PA0 PA1 PA2 PA3 PA4 PA5 OSC1 OSC2 VDD VSS PC1 PC2 PC3 PB1 PB2 PC0 PB0 PB3 IRQ RESET PA7 PA6 LPRST IRO 5 6 7 8 9 10 11 12 13 14 2 3 1 4 24 23 22 21 20 19 18 17 16 15 27 26 28 25 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |