| Zakładka z wyszukiwarką danych komponentów |
|
HC705MC4GRS/D Arkusz danych(PDF) 164 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Arkusz danych(HTML) 164 Page - NXP Semiconductors |
|
164 / 180 page ![]() Electrical Specifications MC68HC705MC4 — Rev. 2.0 Electrical Specifications 14.3 Absolute Maximum Ratings Maximum ratings are the extreme limits to which the MCU can be exposed without permanently damaging it. NOTE: This device is not guaranteed to operate properly at the maximum ratings. Refer to 14.6 DC Electrical Characteristics for guaranteed operating conditions. NOTE: This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum-rated voltages to this high-impedance circuit. For proper operation, it is recommended that VIN and VOUT be constrained to the range VSS ≤ (VIN or VOUT) ≤ VDD. Reliability of operation is enhanced if unused inputs are connected to an appropriate logic voltage level (for example, either VSS or VDD.) Table 14-1. Absolute Maximum Ratings(1) Characteristic Symbol Value Unit Supply Voltage VDD –0.3 to +7.0 V Input Voltage VIN VSS –0.3 to VDD +0.3 V Self-Check Mode (IRQ Pin Only) VIN VSS –0.3 to 2 x VDD +0.3 V Current Drain Per Pin Excluding VDD and VSS I25 mA Storage Temperature Range TSTG –65 to +150 °C NOTE: 1. Voltages referenced to VSS.. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |