Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55191 Arkusz danych(PDF) 6 Page - Renesas Technology Corp

Numer części ISL55191
Szczegółowy opis  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL55191 Arkusz danych(HTML) 6 Page - Renesas Technology Corp

Back Button ISL55191 Datasheet HTML 2Page - Renesas Technology Corp ISL55191 Datasheet HTML 3Page - Renesas Technology Corp ISL55191 Datasheet HTML 4Page - Renesas Technology Corp ISL55191 Datasheet HTML 5Page - Renesas Technology Corp ISL55191 Datasheet HTML 6Page - Renesas Technology Corp ISL55191 Datasheet HTML 7Page - Renesas Technology Corp ISL55191 Datasheet HTML 8Page - Renesas Technology Corp ISL55191 Datasheet HTML 9Page - Renesas Technology Corp ISL55191 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL55191, ISL55291
FN6263 Rev 1.00
Page 6 of 18
March 30, 2007
FIGURE 7. ISL55191 GAIN vs FREQUENCY FOR
VARIOUS Cg
FIGURE 8. ISL55291 GAIN vs FREQUENCY FOR
VARIOUS Cg
FIGURE 9. DISABLED INPUT IMPEDANCE vs FREQUENCY
FIGURE 10. ENABLED INPUT IMPEDANCE vs FREQUENCY
FIGURE 11. DISABLED OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 12. ENABLED OUTPUT IMPEDANCE vs FREQUENCY
Typical Performance Curves (Continued)
-5
-4
-3
-2
-1
0
1
2
3
4
5
FREQUENCY (MHz)
.01
0.1
1.0
10
100
1k
Cg = 3.0pF
Cg = 5.5pF
Cg = 0.8pF
Cg = 10.8pF
Cg = 9.0pF
Cg = 7.6pF
Rf = 909
Rg = 100
AV = 10
RL = 1k
VOUT = 100mVP-P
VS = 5V
Cg = 12.8pF
FREQUENCY (MHz)
Cg = 8.7pF
Cg = 1.6pF
Cg = 2.7pF
Cg = 0.5pF
Cg = 7.3pF
Cg = 5.2pF
Cg = 3.8pF
Rf = 909
Rg = 100
AV = 10
RL = 1k
VOUT = 100mVP-P
VS = 5V
.01
0.1
1.0
10
100
1k
-5
-4
-3
-2
-1
0
1
2
3
4
5
1
10
100
1k
10k
100k
1M
FREQUENCY (MHz)
Cg = 1.6pF
CL = 1.2pF
AV = 10
Rf = 909
Rg= 100
VSOURCE = 500mVP-P
RL = 1k
.01
0.1
1.0
10
100
1k
FREQUENCY (MHz)
Cg = 1.6pF
CL = 1.2pF
AV = 10
Rf = 909
Rg= 100
VSOURCE = 500mVP-P
RL = 1k
.01
0.1
1.0
10
100
1k
1
10
100
1k
10k
100k
1M
10
100
1k
10k
FREQUENCY (MHz)
Cg = 0.5pF
Rf = 909
Rg = 100
AV = 10
VSOURCE = 1VP-P
.01
0.1
1.0
10
100
1k
0.01
0.1
1
10
100
FREQUENCY (MHz)
Cg = 0.5pF
Rf = 909
Rg = 100
AV = 10
VSOURCE = 1VP-P
.01
0.1
1.0
10
100
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com