Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PDTC113EE Arkusz danych(PDF) 2 Page - Nexperia B.V. All rights reserved

Numer części PDTC113EE
Szczegółowy opis  PNP resistor-equipped transistors; R1 = 1 kW, R2 = 1 kW
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEXPERIA [Nexperia B.V. All rights reserved]
Strona internetowa  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC113EE Arkusz danych(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTC113EE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC113EE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC113EE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC113EE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC113EE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC113EE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC113EE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC113EE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC113EE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1.
Product profile
1.1 General description
PNP Resistor-Equipped Transistors (RET).
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2)
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTA113E series
PNP resistor-equipped transistors; R1 = 1 k
Ω, R2 = 1 kΩ
Rev. 05 — 2 September 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN
complement
NXP
JEITA
JEDEC
PDTA113EE
SOT416
SC-75
-
PDTC113EE
PDTA113EK
SOT346
SC-59A
TO-236
PDTC113EK
PDTA113EM
SOT883
SC-101
-
PDTC113EM
PDTA113ES[1]
SOT54 (TO-92)
SC-43A
TO-92
PDTC113ES
PDTA113ET
SOT23
-
TO-236AB
PDTC113ET
PDTA113EU
SOT323
SC-70
-
PDTC113EU
I Built-in bias resistors
I Reduces component count
I Simplifies circuit design
I Reduces pick and place costs
I General purpose switching and
amplification
I Circuit drivers
I Inverter and interface circuits
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current (DC)
-
-
−100
mA
R1
bias resistor 1 (input)
0.7
1
1.3
k
Ω
R2/R1
bias resistor ratio
0.8
1
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com