| Zakładka z wyszukiwarką danych komponentów |
|
APR12/D Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR12/D Arkusz danych(HTML) 2 Page - NXP Semiconductors |
|
2 / 101 page ![]() ii DSP56001A/D, Rev. 1 MOTOROLA TABLE OF CONTENTS SECTION 1 SIGNAL/PIN DESCRIPTIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-1 SECTION 2 SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-1 SECTION 3 PACKAGING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-1 SECTION 4 DESIGN CONSIDERATIONS (INCLUDES NOTES FOR DSP56001 TO DSP56001A DESIGN CONVERSION) . . . . 4-1 SECTION 5 ORDERING INFORMATION . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-1 SECTION A ROM TABLE LISTINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . A-1 FOR TECHNICAL ASSISTANCE: Telephone: 1 (800) 521-6274 Email: dsphelp@dsp.sps.mot.com Internet: http://www.motorola-dsp.com Data Sheet Conventions This data sheet uses the following conventions: OVERBAR Used to indicate a signal that is active when pulled low; for example, the RESET pin is active when low “asserted” Means that a high true (active high) signal is high or that a low true (active low) signal is low “deasserted” Means that a high true (active high) signal is low or that a low true (active low) signal is high Examples: Signal/Symbol Logic State Signal State Voltage PIN True Asserted VIL/VOL PIN False Deasserted VIH/VOH PIN True Asserted VIH/VOH PIN False Deasserted VIL/VOL Note: Values for VIL, VOL, VIH, and VOH are defined by individual product specifications. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |