Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N7002BK Arkusz danych(PDF) 5 Page - Nexperia B.V. All rights reserved

Numer części 2N7002BK
Szczegółowy opis  60 V, 350 mA N-channel Trench MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEXPERIA [Nexperia B.V. All rights reserved]
Strona internetowa  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2N7002BK Arkusz danych(HTML) 5 Page - Nexperia B.V. All rights reserved

  2N7002BK Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2N7002BK Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2N7002BK Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2N7002BK Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2N7002BK Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2N7002BK Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2N7002BK Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2N7002BK Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2N7002BK Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
2N7002BK
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 17 June 2010
5 of 16
Nexperia
2N7002BK
60 V, 350 mA N-channel Trench MOSFET
FR4 PCB, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for drain 1 cm2
Fig 5.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
017aaa037
tp (s)
10−3
102
103
10
1
10−2
10−1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
017aaa038
tp (s)
10−3
102
103
10
1
10−2
10−1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com