| Zakładka z wyszukiwarką danych komponentów |
|
MPC604EC/D Arkusz danych(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC604EC/D Arkusz danych(HTML) 20 Page - NXP Semiconductors |
|
20 / 32 page ![]() 20 604 Hardware Specifications Preliminary/Subject to Change without Notice 1.6.1.3 Mechanical Dimensions of the Motorola C4-CQFP Package Figure 11 shows the mechanical dimensions of the Motorola C4-CQFP package. Figure 11. Mechanical Dimensions of the Motorola C4-CQFP Package (W) VIEW Y 3 PLACES C2 VIEW AB AC X = L, M, N VIEW Y 3X C1 304 VIEW AB C U F A B S1 S V V1 176 77 153 152 229 228 0.20 (0.008) T L–M N 4X 76 TIPS SEATING PLANE AC G P (K) E 1 (R1) R (R2) R (Z) DATUM PLANE 0.25 (0.010) J SECTION AC–AC D ROTATED 90 ° CW DIM MIN MAX MIN MAX INCHES MILLIMETERS A 39.55 39.75 1.557 1.564 B 39.55 39.75 1.557 1.564 C 2.50 3.25 0.098 0.128 C1 0.50 — 0.020 — C2 2.00 2.40 0.079 0.094 C3 0.60 1.00 0.024 0.039 E 0.50 0.70 0.020 0.028 F 5.00 16.00 0.197 0.630 G 0.50 BASIC 0.020 BASIC J 0.12 0.17 0.005 0.007 K 0.50 REF 0.020 REF P 0.25 BASIC 0.010 BASIC R1 0.10 0.20 0.004 0.008 R2 0.15 REF 0.006 REF S 42.60 BASIC 1.677 BASIC S1 21.30 BASIC 0.839 BASIC U 5.00 16.00 0.197 0.630 V 42.60 BASIC 1.677 BASIC V1 21.30 BASIC 0.839 BASIC W 0.63 REF 0.025 REF Z 1.48 REF 0.058 REF 1 ° 7 ° 1 ° 7 ° 1 2 ° 6 ° 2 ° 6 ° –X– –L– –N– –M– –H– –T– –H– θ θ θ θ S L 0.20 (0.008) –M S HN S S L M 0.20 (0.008) –M S HN S S L 0.08 (0.003) –M S T C6 C3 C6 — 0.50 — 0.020 D 0.18 0.30 0.007 0.012 NOTES: 1. DIMENSIONS AND TOLERENCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DATUM PLANE IS LOCATED AT BOTTOM OF LEAD AND IS COINCIDENT WITH THE LEAD WHERE THE LEAD EXITS THE CERAMIC. 4. DATUMS , AND TO BE DETERMINED AT DATUM PLANE . 5. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE . M M –H– –L– –M– –N– –H– –T– 0.10 (0.004) T Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com AR CH IVE D B Y F RE ES CA LE SE MI CO ND UC TO R, INC . |