| Zakładka z wyszukiwarką danych komponentów |
|
ADG2108BCPZ-R2 Arkusz danych(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADG2108BCPZ-R2 Arkusz danych(HTML) 20 Page - Analog Devices |
|
20 / 28 page ![]() ADG2108 Rev. 0 | Page 20 of 28 WRITING TO THE ADG2108 INPUT SHIFT REGISTER The input shift register is 24 bits wide. A 3-byte write is necessary when writing to this register and is done under the control of the serial clock input, SCL. The contents of the three bytes of the input shift register are shown in Figure 33 and described in Table 6. X XXXX XX LDSW DB0 (LSB) DB7 (MSB) DATA BITS DATA AX3 AX2 AX1 AX0 AY2 AY1 AY0 DB8 (LSB) DB15 (MSB) DATA BITS 1 11 0 A2 A1 A0 R/W DB16 (LSB) DEVICE ADDRESS DB23 (MSB) Figure 33. Data-Words Table 6. Input Shift Register Bit Function Descriptions Bit Mnemonic Descriptions DB23 to DB17 1110xxx The MSBs of the ADG2108 are set to 1110. The LSBs of the address byte are set by the state of the three address pins, Pin A0, Pin A1, and Pin A2. DB16 R/W Controls whether the ADG2108 slave device is read from or written to. If R/W = 1, the ADG2108 is being read from. If R/W = 0, the ADG2108 is being written to. DB15 Data Controls whether the switch is to be opened (off ) or closed (on). If Data = 0, the switch is opened/off. If Data = 1, the switch is closed/on. DB14 to DB11 AX3 to AX0 Controls I/Os X0 to X9. See Table 7 for the decode truth table. DB10 to DB8 AY2 to AY0 Controls I/Os Y0 to Y7. See Table 7 for the decode truth table. DB7 to DB1 X Don’t care. DB0 LDSW This bit is useful when a number of switches need to be updated simultaneously. If LDSW = 1, the switch position changes after the new word is read. If LDSW = 0, the input data is latched, but the switch position is not changed. As shown in Table 6, Bit DB14 to Bit DB11 control the X input/output lines, while Bit DB10 to Bit DB8 control the Y input/output lines. Table 7 shows the truth table for these bits. Note that the full coding sequence is written out for Channel Y0, and Channel Y1 to Channel Y7 follow a similar pattern. Note also that the RESET pin must be high when writing to the device. Table 7. Address Decode Truth Table DB15 DATA DB14 AX3 DB13 AX2 DB12 AX1 DB11 AX0 DB10 AY2 DB9 AY1 DB8 AY0 Switch Configuration X 0 0 0 0 0 0 0 Reserved X 0 0 0 1 0 0 0 Reserved 1 0 0 1 0 0 0 0 X0 to Y0 (on) 0 0 0 1 0 0 0 0 X0 to Y0 (off ) 1 0 0 1 1 0 0 0 X1 to Y0 (on) 0 0 0 1 1 0 0 0 X1 to Y0 (off ) 1 0 1 0 0 0 0 0 X2 to Y0 (on) 0 0 1 0 0 0 0 0 X2 to Y0 (off ) 1 0 1 0 1 0 0 0 X3 to Y0 (on) 0 0 1 0 1 0 0 0 X3 to Y0 (off ) X 0 1 1 0 0 0 0 Reserved X 0 1 1 1 0 0 0 Reserved 1 1 0 0 0 0 0 0 X4 to Y0 (on) 0 1 0 0 0 0 0 0 X4 to Y0 (off ) 1 1 0 0 1 0 0 0 X5 to Y0 (on) 0 1 0 0 1 0 0 0 X5 to Y0 (off ) 1 1 0 1 0 0 0 0 X6 to Y0 (on) 0 1 0 1 0 0 0 0 X6 to Y0 (off ) 1 1 0 1 1 0 0 0 X7 to Y0 (on) 0 1 0 1 1 0 0 0 X7 to Y0 (off ) |