| Zakładka z wyszukiwarką danych komponentów |
|
CS5920 Arkusz danych(PDF) 67 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS5920 Arkusz danych(HTML) 67 Page - Applied Micro Circuits Corporation |
|
67 / 160 page ![]() S5920 – PCI Product Revision 1.01 – November 28, 2005 AMCC Confidential and Proprietary DS1596 67 Data Book OUTGOING MAILBOX REGISTER (OMB) This DWORD register provides a method for sending command or parameter data to the Add-On bus. PCI bus transactions to this register may be of any width (byte, word, or DWORD). Writing to this register can be a source for Add-On bus interrupts by enabling interrupt generation through the use of the Add-on’s Interrupt Control/Status Register. This is also called the Add-On Incoming Mailbox Register (AIMB). Read- ing from this register will not affect interrupts or the MBEF status register. Figure 26. Outgoing Mailbox Register Names: Outgoing Mailbox PCI Address Offset: 0Ch Power-up value: Undefined PCI Attribute: Read/Write Size: 32 bits Byte 3 0 Byte 2 Byte 1 Byte 0 7 8 15 16 23 24 31 |