| Zakładka z wyszukiwarką danych komponentów |
|
SC-C144B-FREQ Arkusz danych(PDF) 2 Page - Nel Frequency Controls,inc |
|
|
|||||||||||||||||||||||||||||
SC-C144B-FREQ Arkusz danych(HTML) 2 Page - Nel Frequency Controls,inc |
|
2 / 2 page ![]() LVCMOS SC-C1440 Series Rev G Frequency Range: 70.0 MHz to 165.0 MHz Test Load Operating Conditions and Output Characteristics Electrical Characteristics Parameter Symbol Conditions Min Typical Max Frequency — — 70.0 MHz — 165.0 MHz Duty Cycle — @VDD/2 45/55% — 55/45% Logic 0 VOL @600 µA — — 0.2 V Logic 1 VOH @600 µA VDD -0.2 V — — Rise & Fall Time tr, tf 10-90% VO — — 3.5 ns Jitter, RMS (2) — Overtone — — 3 psec Tpz — — — — 100 ns Enable Voltage — — 1.3 V — — Disable Voltage — — — — 0.5 V Frequency Stability (1) dF/F Overall conditions including: -100 ppm — +100 ppm voltage, calibration, temp., 10 yr aging, shock, vibration General Characteristics Parameter Symbol Conditions Min Typical Max Supply Voltage (3) VDD — 1.71 V 1.8 V 1.89 V Supply Current IDD No Load 0.0 mA 25 mA 40 mA Output Current IO Low Level Output Current 0.0 mA — ±25.0 mA Operating Temperature TA —0ºC— 70ºC Storage Temperature TS — -55ºC — 125ºC Power Dissipation PD — — — 76 mW Lead Temperature TL Soldering, 10 sec. — — 300ºC Load — — — — 15 pf Start-up Time t S —— — 10 ms Environmental and Mechanical Characteristics Mechanical Shock Per MIL-STD-202, Method 213, Condition E Thermal Shock Per MIL-STD-833, Method 1011, Condition A Vibration 0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55 Hz to 2000 Hz Soldering Condition 300ºC for 10 seconds Hermetic Seal Leak rate less than 1 x 10 -8 atm.cc/sec of helium Footnotes: 1) Standard frequency stability (±20, ±25, ±50 ppm & others available). 2) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization. RMS jitter bandwidth of 12kHz to 20MHz. 3) Internal high frequency power source decoupling. |