| Zakładka z wyszukiwarką danych komponentów |
|
DSP56321RM Arkusz danych(PDF) 71 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56321RM Arkusz danych(HTML) 71 Page - NXP Semiconductors |
|
71 / 84 page ![]() DSP56321 Technical Data, Rev. 11 Freescale Semiconductor A-7 M_CD EQU $FFF ; Clock Divider Mask (CD0-CD11) M_COD EQU 12 ; Clock Out Divider M_SCP EQU 13 ; Clock Prescaler M_RCM EQU 14 ; Receive Clock Mode Source Bit M_TCM EQU 15 ; Transmit Clock Source Bit ;------------------------------------------------------------------------ ; ; EQUATES for Synchronous Serial Interface (SSI) ; ;------------------------------------------------------------------------ ; ; Register Addresses Of SSI0 M_TX00 EQU $FFFFBC ; SSI0 Transmit Data Register 0 M_TX01 EQU $FFFFBB ; SSIO Transmit Data Register 1 M_TX02 EQU $FFFFBA ; SSIO Transmit Data Register 2 M_TSR0 EQU $FFFFB9 ; SSI0 Time Slot Register M_RX0 EQU $FFFFB8 ; SSI0 Receive Data Register M_SSISR0 EQU $FFFFB7 ; SSI0 Status Register M_CRB0 EQU $FFFFB6 ; SSI0 Control Register B M_CRA0 EQU $FFFFB5 ; SSI0 Control Register A M_TSMA0 EQU $FFFFB4 ; SSI0 Transmit Slot Mask Register A M_TSMB0 EQU $FFFFB3 ; SSI0 Transmit Slot Mask Register B M_RSMA0 EQU $FFFFB2 ; SSI0 Receive Slot Mask Register A M_RSMB0 EQU $FFFFB1 ; SSI0 Receive Slot Mask Register B ; Register Addresses Of SSI1 M_TX10 EQU $FFFFAC ; SSI1 Transmit Data Register 0 M_TX11 EQU $FFFFAB ; SSI1 Transmit Data Register 1 M_TX12 EQU $FFFFAA ; SSI1 Transmit Data Register 2 M_TSR1 EQU $FFFFA9 ; SSI1 Time Slot Register M_RX1 EQU $FFFFA8 ; SSI1 Receive Data Register M_SSISR1 EQU $FFFFA7 ; SSI1 Status Register M_CRB1 EQU $FFFFA6 ; SSI1 Control Register B M_CRA1 EQU $FFFFA5 ; SSI1 Control Register A M_TSMA1 EQU $FFFFA4 ; SSI1 Transmit Slot Mask Register A M_TSMB1 EQU $FFFFA3 ; SSI1 Transmit Slot Mask Register B M_RSMA1 EQU $FFFFA2 ; SSI1 Receive Slot Mask Register A M_RSMB1 EQU $FFFFA1 ; SSI1 Receive Slot Mask Register B ; SSI Control Register A Bit Flags M_PM EQU $FF ; Prescale Modulus Select Mask (PM0-PM7) M_PSR EQU 11 ; Prescaler Range M_DC EQU $1F000 ; Frame Rate Divider Control Mask (DC0-DC7) M_ALC EQU 18 ; Alignment Control (ALC) M_WL EQU $380000 ; Word Length Control Mask (WL0-WL7) M_SSC1 EQU 22 ; Select SC1 as TR #0 drive enable (SSC1) ; SSI Control Register B Bit Flags M_OF EQU $3 ; Serial Output Flag Mask M_OF0 EQU 0 ; Serial Output Flag 0 M_OF1 EQU 1 ; Serial Output Flag 1 M_SCD EQU $1C ; Serial Control Direction Mask M_SCD0 EQU 2 ; Serial Control 0 Direction M_SCD1 EQU 3 ; Serial Control 1 Direction M_SCD2 EQU 4 ; Serial Control 2 Direction M_SCKD EQU 5 ; Clock Source Direction M_SHFD EQU 6 ; Shift Direction M_FSL EQU $180 ; Frame Sync Length Mask (FSL0-FSL1) M_FSL0 EQU 7 ; Frame Sync Length 0 |