| Zakładka z wyszukiwarką danych komponentów |
|
88C56-AF5-R Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
88C56-AF5-R Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 16 page ![]() UNISONIC TECHNOLOGIES CO., 88CXX CMOS IC www.unisonic.com.tw 1 Copyright © 2005 Unisonic Technologies Co., QW-R502-040,A BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR DESCRIPTION The UTC 88CXX series is a high-precision voltage detector developed and foundry using CMOS process. The detection voltage is fixed internally, with an accuracy of ±2.0%. The CMOS output is available. Besides, 88CXX can easily delay a release signal by attachment of an external capacitor with built-in delay circuit. FEATURES * High-precision detection voltage: ±2.0% * Hysteresis characteristics: 5% typ * Ultra-low current consumption satisfied various detection voltage, 1.0μA typ. (VDD=2.0V) for ≤1.4V and 1.2μA typ. (VDD=3.5V) for ≥ 1.5V. * Available detection voltage from 1.1~6.0V and step by 0.1V. * Low operating voltage based on detection voltage, 0.8~6.0V for for ≤1.4V and 0.95~10V for ≥1.5V. * Delay time setting by an additional external capacitor. 1 SOT-25 2 3 4 5 *Pb-free plating product number: 88CXXL PIN CONFIGURATION PIN NO. PIN NAME 1 OUT 2 VDD 3 VSS 4 NC 5 CD ORDERING INFORMATION xx: Output Voltage, refer to Marking Information. Order Number Normal Lead Free Package Packing 88Cxx-AF5-R 88CxxL-AF5-R SOT-25 Tape Reel |
Podobny numer części - 88C56-AF5-R |
|
Podobny opis - 88C56-AF5-R |