| Zakładka z wyszukiwarką danych komponentów |
|
AD9397/PCB Arkusz danych(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9397/PCB Arkusz danych(HTML) 24 Page - Analog Devices |
|
24 / 28 page ![]() AD9397 Rev. 0 | Page 24 of 28 SERIAL INTERFACE READ/WRITE EXAMPLES Write to one control register: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Data byte to base address • Stop signal Write to four consecutive control registers: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Data byte to base address • Data byte to (base address + 1) • Data byte to (base address + 2) • Data byte to (base address + 3) • Stop signal Read from one control register: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Start signal • Slave address byte (R/W bit = high) • Data byte from base address • Stop signal Read from four consecutive control registers: • Start signal • Slave address byte (R/W bit = low) • Base address byte • Start signal • Slave address byte (R/W bit = high) • Data byte from base address • Data byte from (base address + 1) • Data byte from (base address + 2) • Data byte from (base address + 3) • Stop signal BIT 7 ACK BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 SDA SCL Figure 8. Serial Interface—Typical Byte Transfer |