| Zakładka z wyszukiwarką danych komponentów |
|
MPC8347E Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347E Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 108 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 3 2 Freescale Semiconductor Overview 1 Overview This section provides a high-level overview of the MPC8347EA features. Figure 1 shows the major functional units within the MPC8347EA. Figure 1. MPC8347EA Block Diagram Major features of the MPC8347EA are as follows: • Embedded PowerPC e300 processor core; operates at up to 667 MHz — High-performance, superscalar processor core — Floating-point, integer, load/store, system register, and branch processing units — 32-Kbyte instruction cache, 32-Kbyte data cache — Lockable portion of L1 cache — Dynamic power management — Software-compatible with the other Freescale processor families that implement the PowerPC architecture • Double data rate, DDR1/DDR2 SDRAM memory controller — Programmable timing supporting DDR1 and DDR2 SDRAM — 32- or 64-bit data interface, up to 400 MHz data rate for TBGA, 266 MHz for PBGA — Up to four physical banks (chip selects), each bank up to 1 Gbyte independently addressable — DRAM chip configurations from 64 Mbits to 1 Gbit with x8/x16 data ports — Full error checking and correction (ECC) support — Support for up to 16 simultaneous open pages (up to 32 pages for DDR2) — Contiguous or discontiguous memory mapping — Read-modify-write support — Sleep-mode support for SDRAM self refresh — Auto refresh DUART Dual I2C Timers GPIO Security Interrupt Controller Dual Role High-Speed Local Bus DDR SDRAM Controller Host 32KB D-Cache e300 Core 32KB I-Cache USB 2.0 10/100/1000 SEQ PCI DMA Ethernet 10/100/1000 Ethernet |