Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STLM20DD9F Arkusz danych(PDF) 13 Page - STMicroelectronics

Numer części STLM20DD9F
Szczegółowy opis  Ultra-low Current 2.4V precision analog temperature sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20DD9F Arkusz danych(HTML) 13 Page - STMicroelectronics

Back Button STLM20DD9F Datasheet HTML 9Page - STMicroelectronics STLM20DD9F Datasheet HTML 10Page - STMicroelectronics STLM20DD9F Datasheet HTML 11Page - STMicroelectronics STLM20DD9F Datasheet HTML 12Page - STMicroelectronics STLM20DD9F Datasheet HTML 13Page - STMicroelectronics STLM20DD9F Datasheet HTML 14Page - STMicroelectronics STLM20DD9F Datasheet HTML 15Page - STMicroelectronics STLM20DD9F Datasheet HTML 16Page - STMicroelectronics STLM20DD9F Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
STLM20
Package mechanical
13/17
7
Package mechanical
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 5.
SOT323-5 – 5-lead small outline transistor package outline
1.
Drawing is not to scale.
Table 8.
SOT323-5 – 5-lead small outline transistor package mechanical data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
0.80
1.10
–
0.031
0.043
A1
–
0
0.10
–
0
0.004
A2
0.90
–
–
0.035
–
–
b
–
0.15
0.30
–
0.006
0.012
C
–
0.10
0.20
–
0.004
0.008
D
2.00
1.90
2.10
0.079
0.075
0.083
E
–
1.80
2.40
–
0.071
0.094
E1
1.25
1.15
1.35
0.049
0.045
0.053
e0.65–
–
0.026
–
–
e1
1.30
–
–
0.051
–
–
L0.52–
–
0.020
–
–
L1
0.40
0.35
0.45
0.016
0.014
0.018
s–
0°
5°
–
0°
5°
SOT323-5
0.10 C
A
A2
A1
5X
C
e1
D
e
5X b
E
B
E1
A
M
0.10
C A
B
s
s
1
C
L1
s
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17