| Zakładka z wyszukiwarką danych komponentów |
|
NDH-R6A4 Arkusz danych(PDF) 6 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
NDH-R6A4 Arkusz danych(HTML) 6 Page - Amphenol Communications Solutions |
|
6 / 6 page ![]() 3 4 5 6 5 4 3 H G F E D C B A A B C D E F G H 2 1 2 1 SHEET 6 OF 6 A SCALE: REV DWG. NO. 6 Amphenol Canada Corp. Commercial Products CODE ID NO. DESCRIPTION, ECN, EAR NO. APP'D DATE REV REVISIONS THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP. P-NDH-R6AX NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT K. MORRISON DWG SIZE: DO NOT SCALE DRAWING K. LAMBIE NOV10/22 OCT13/22 NOV10/22 03554 2:1 X EAR 14988 DRAWN CHECKED M.E. APP'D Q.A. APP'D DWG APPR. ENG. REL. NO. REF. THIRD ANGLE PROJECTION MILLIMETRES INCHES PRIMARY UNITS SECONDARY REFERENCE IN PARENTHESES UNLESS SPECIFIED OTHERWISE 0.30 GENERAL TOLERANCES K. LAMBIE 1 DECIMAL PLACE 2 DECIMAL PLACES 3 DECIMAL PLACES ANGULAR DEGREES PRODUCT DRAWING (EAR 14988) K.L. NOV10/22 A STEP 7 SCREW ENDCAP UNTIL HAND TIGHT STEP 9 PUSH THE HOOD LOCK FORWARD UNTIL HOOD ASSEMBLY SNAPS INTO POSITION. TO UN-MATE, PULL THE HOOD LOCK BACKWARD BEFORE PULLING ON THE HOOD / PLUG STEP 6 SLIDE THE END CAP ONTO THE HOOD BODY INSERT RJ HOOD ASSEMBLY INTO BULKHEAD STEP 8 BULKHEAD STEP 3 SNAP THE TOP AND BOTTOM PLUG COVERS ONTO THE PLUG CONNECTOR STEP 4 SLIDE THE HOOD BODY ONTO THE PLUG COVER ASSEMBLY UNTIL THE TOP AND BOTTOM LATCHES SNAP INTO PLACE. CONFIRM THAT THE PLUG LATCH IS AT THE BOTTOM AND THE HOOD LATCH IS AT THE TOP. STEP 5 SLIDE THE RUBBER GROMMET ALONG THE CABLE INTO THE HOOD BODY UNTIL INSTALLED TO FULL DEPTH FIELD ASSEMBLY PROCEDURE CA BL E STEP 1 SLIDE HOOD KIT COMPONENTS (EXCLUDING TOP AND BOTTOM PLUG COVERS) ONTO CABLE PRIOR TO PLUG INSTALLATION ASSEMBLE PLUG CONNECTOR TO CABLE STEP 2 PLUG LATCH THIS SIDE |