| Zakładka z wyszukiwarką danych komponentów |
|
NDH-R5A4-AF9A Arkusz danych(PDF) 2 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
NDH-R5A4-AF9A Arkusz danych(HTML) 2 Page - Amphenol Communications Solutions |
|
2 / 4 page ![]() 3 4 5 6 5 4 3 H G F E D C B A A B C D E F G H 2 1 2 1 SHEET 2 OF 4 C SCALE: REV DWG. NO. 6 Amphenol Canada Corp. Commercial Products CODE ID NO. DESCRIPTION, ECN, EAR NO. APP'D DATE REV REVISIONS THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP. P-NDH-R5AX-AXXA NDH SERIES RJ HOOD WITH BULKHEAD & PIGTAIL CABLE ASS'Y, IP67 RATING, CAT 5e PERFORMANCE, PLUG TAB DOWN, RoHS COMPLIANT P. GOBUI B PRODUCT DRAWING (EAR 14988) JAN14/22 K.L. DWG SIZE: DO NOT SCALE DRAWING JAN14/22 JAN12/22 03554 3:1 X EAR 14988 DRAWN CHECKED M.E. APP'D Q.A. APP'D DWG APPR. ENG. REL. NO. REF. THIRD ANGLE PROJECTION MILLIMETRES INCHES PRIMARY UNITS SECONDARY REFERENCE IN PARENTHESES UNLESS SPECIFIED OTHERWISE GENERAL TOLERANCES K. LAMBIE 1 DECIMAL PLACE 2 DECIMAL PLACES 3 DECIMAL PLACES ANGULAR DEGREES PRODUCT DRAWING (EAR 14988) K.L. NOV10/22 C SECTION A-A 15.80 .622 24.00 .945 3.00 .118 19.80 .780 25.80 1.016 R2.00 .079 4 PLCS 32.00 1.260 38.00 1.496 3.60 .142 A A BULKHEAD PART IS SUPPLIED WITH GASKET ASSEMBLED |