Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CMD4510 Arkusz danych(PDF) 3 Page - Ceramate Technical

Numer części CMD4510
Szczegółowy opis  Motor Driver for Portable DVD Player with DC-DC Step Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CERAMATE [Ceramate Technical]
Strona internetowa  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CMD4510 Arkusz danych(HTML) 3 Page - Ceramate Technical

  CMD4510 Datasheet HTML 1Page - Ceramate Technical CMD4510 Datasheet HTML 2Page - Ceramate Technical CMD4510 Datasheet HTML 3Page - Ceramate Technical CMD4510 Datasheet HTML 4Page - Ceramate Technical CMD4510 Datasheet HTML 5Page - Ceramate Technical CMD4510 Datasheet HTML 6Page - Ceramate Technical CMD4510 Datasheet HTML 7Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CMD4510
Motor Driver for Portable DVD Player with DC-DC Step Down Converter
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 3 of 7
Rev 1.0 Mar. 28, 2006
Pin No
Pin Name
Description
20
VOSP+
Spindle driver output(+)
21
VOSP-
Spindle driver output(-)
22
VINSP
Input for spindle driver
23
VINTK
Input for tracking driver
24
Vcc2
Vcc for power block of spindle, tracking and focus
25
PGND
Ground for analog ground
26
PGND1
Ground for step down converter 1
27
PGND2
Ground for step down converter 2
28
IPK1
Current sense 1
29
SW1
Switching output 1
30
COMP1
Comparator inverting input 1
31
CT1
Timing capacitor input 1
32
EN1
Enable pin for buck converter 1
33
MUTE
Input for mute control
34
BIAS
Input for reference voltage
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
Characteristic
Symbol
Value
Unit
Supply Voltage 1 for driver
Vcc1
13.5
V
Supply Voltage 2 for driver
Vcc2
13.5
V
Supply voltage for converter
PVcc
17.6
V
Power dissipation
Pd
2.2*
°C
Operating Temperature range
Topr
-40~+85
°C
Storage temperature range
Tstg
-55~+150**
°C
* Power dissipation reduces
17.6mW/
°C for operation above Ta=25°C
*
* 70mm×70mm×1.6mm glass epoxy board.
RECOMMENDED OPERATING CONDITIONS (Ta=25
°C)
Characteristic
Symbol
Value
Unit
Vcc1
4.3~13.2
Vcc2
4.3~Vcc1
Power supply voltage
PVcc
4.5~16
V



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com