Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BKAF Arkusz danych(PDF) 19 Page - ITT Industries

Numer części BKAF
Szczegółowy opis  ARINC 600
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

BKAF Arkusz danych(HTML) 19 Page - ITT Industries

Back Button BKAF Datasheet HTML 11Page - ITT Industries BKAF Datasheet HTML 12Page - ITT Industries BKAF Datasheet HTML 13Page - ITT Industries BKAF Datasheet HTML 14Page - ITT Industries BKAF Datasheet HTML 15Page - ITT Industries BKAF Datasheet HTML 16Page - ITT Industries BKAF Datasheet HTML 17Page - ITT Industries BKAF Datasheet HTML 18Page - ITT Industries BKAF Datasheet HTML 19Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
ARINC 600 Rack and Panel Connectors
BKAD/E/F
ARINC 600 Connector Engaging Sequence
Mating
Sequence
Flange
Position With:
No Engagement
PLUG
RECEPTACLE
#22
#22
#12
#16
#20
MIN
COAX
(SHELLS FULLY MATED)
(NO ENGAGEMENT)
(RACK SIDE)
1. Varies; See Mil-Spec. (#5 Coax)
2. Size 1 only.
3. Flush head screws are not permitted for connector mounting
as they would position connector incorrectly.
4. Dimension 7 was calculated to provide clearance for
- MCU backplate mat'l thickness of 2.5 mm (.10 in).
- Rack backplate mat'l thickness of 2.5 mm (.10 in).
- Connector mounting pan head screws, MCU 2.0 mm (.08 in).
- Tolerance allowance - 3.2 mm (.13 in.) rack 2.0 mm (.08 in.)
Total - 12.2 (.50 in) (minimum).
(BOX SIDE)
NOTES:
1.245 (31.62)
Nom.
1.110 (28.19)
1.073 (27.25)
1.073 (27.25)
1.023 (25.88)
.800 (22.32)
.748 (18.99)
.805 (20.44)
.741 (18.82)
1.012 (25.70)
.949 (24.10)
1.008 (23.60)
.953 (24.20)
.642 (16.30)
.547 (13.89)
.649 (16.48)
.553 (14.04)
.728 (18.49)
.818 (20.77)
.772 (19.60)
.692 (17.57)
.618 (15.70)
.578 (14.68)
.522 (13.26)
.488 (12.40)
Shells Initially
Engaged
Polarizing Pins
Entering Keys
Contacts Entering
Mating Insulator
#22
#20
#16
#12
Miniature Coax
Miniature Coax
"0" Ring Engagement
(BKAE Only)
Shells Fully
Mated
Contacts Electrically
Engaged
#22
#20
#16
#12
Flange Spacing
in. (mm)
1
1
1
2
2
2
3
4
5
7
1
1
A
E
7
6
www.ittcannon.com
20
Dimensions are shown in inches (millimeters).
Dimensions subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com