Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAL99 Arkusz danych(PDF) 3 Page - Nexperia B.V. All rights reserved

Numer części BAL99
Szczegółowy opis  High-speed diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEXPERIA [Nexperia B.V. All rights reserved]
Strona internetowa  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAL99 Arkusz danych(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAL99 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAL99 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAL99 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAL99 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAL99 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAL99 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAL99 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAL99 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAL99 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2003 Dec 12
2
NXP Semiconductors
Product data sheet
High-speed diode
BAL99
FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage: max. 70 V
• Repetitive peak reverse voltage: max. 70 V
• Repetitive peak forward current: max. 500 mA.
APPLICATIONS
• High-speed switching in e.g. surface mounted circuits.
DESCRIPTION
The BAL99 is a high-speed switching diode fabricated in
planar technology, and encapsulated in the small SOT23
plastic SMD package.
PINNING
PIN
DESCRIPTION
1
not connected
2
cathode
3
anode
handbook, halfpage
21
3
MAM231
1
n.c.
2
3
Fig.1
Simplified outline (SOT23) and symbol.
Marking code:
JFp = made in Hong Kong;
JFt = made in Malaysia;
JFW = made in China.
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on an FR4 printed-circuit board.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BAL99
plastic surface mounted package; 3 leads
SOT23
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
70
V
VR
continuous reverse voltage
70
V
IF
continuous forward current
see Fig.2; note 1
215
mA
IFRM
repetitive peak forward current
500
mA
IFSM
non-repetitive peak forward current
square wave; Tj = 25 °C prior to surge;
see Fig.4
tp = 1 µs
4
A
tp = 1 ms
1
A
tp = 1 s
0.5
A
Ptot
total power dissipation
Tamb = 25 °C; note 1
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com