| Zakładka z wyszukiwarką danych komponentów |
|
NB2769ASNR2 Arkusz danych(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NB2769ASNR2 Arkusz danych(HTML) 3 Page - ON Semiconductor |
|
3 / 8 page ![]() NB2769A http://onsemi.com 3 Figure 3. Modulation Profile Table 3. MAXIMUM RATINGS Symbol Description Rating Unit VDD, VIN Voltage on any pin with respect to Ground 0.5 to +7.0 V TSTG Storage Temperature −65 to +125 °C TA Operating Temperature 0 to 70 °C Ts Max. Soldering Temperature (10 sec) 260 °C TJ Junction Temperature 150 °C TDV Static Discharge Voltage (As per MIL−STD−883, Method 3015) 2 kV Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. |