| Zakładka z wyszukiwarką danych komponentów |
|
BLP5LA55SGZ Arkusz danych(PDF) 8 Page - Ampleon Netherlands B.V. |
|
|
|||||||||||||||||||||||||||||
BLP5LA55SGZ Arkusz danych(HTML) 8 Page - Ampleon Netherlands B.V. |
|
8 / 20 page ![]() BLP5LA55SG All information provided in this document is subject to legal disclaimers. © Ampleon Netherlands B.V. 2023. All rights reserved. Product data sheet Rev. 1 — 7 April 2023 8 of 20 BLP5LA55SG Power LDMOS transistor 7.3 Graphical data 7.3.1 1-Tone CW measurements (f = 145 MHz to 165 MHz) VDS =15V; IDq = 893 mA; PL =63 W. VDS =15V; IDq = 893 mA. (1) f = 145 MHz (2) f = 150 MHz (3) f = 155 MHz (4) f = 160 MHz (5) f = 165 MHz Fig 4. Power gain and drain efficiency as function of frequency; typical values Fig 5. Drain efficiency as a function of output power; typical values amp01398 140 145 150 155 160 165 170 00 20 20 40 40 60 60 80 80 f (MHz) Gp Gp (dB) (dB) (dB) ηD ηD (%) (%) (%) Gp Gp ηD ηD amp01399 0 20 40 60 80 100 0 20 40 60 80 PL (W) ηD ηD (%) (%) (%) (5) (5) (5) (4) (4) (4) (3) (3) (3) (2) (2) (2) (1) (1) (1) |