| Zakładka z wyszukiwarką danych komponentów |
|
STTH506FP Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH506FP Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() Characteristics STTH506 2/9 1 Characteristics To evaluate the conduction losses use the following equation: P = 1.07 x IF(AV) + 0.066 IF 2 (RMS) Table 2. Thermal parameters Symbol Parameter Value Unit Rth(j-c) Junction to case TO-220AC, DPAK 3.5 ° C/W TO-220FPAC 6 Table 3. Static electrical characteristics Symbol Parameter Test conditions Min. Typ Max. Unit IR (1) Reverse leakage current Tj = 25° C VR = VRRM 5 µA Tj = 150° C 13 130 VF (2) Forward voltage drop Tj = 25° C IF = 5 A 1.85 V Tj = 150° C 1.10 1.40 1. Pulse test: tp = 5 ms, δ < 2 % 2. Pulse test: tp = 380 µs, δ < 2 % Table 4. Dynamic characteristics Symbol Parameter Test conditions Min. Typ Max. Unit trr Reverse recovery time IF = 0.5 A, Irr = 0.25 A, IR = 1 A, Tj = 25° C 30 ns IF = 1 A, dIF/dt = -50 A/µs, VR = 30 V, Tj = 25° C 35 50 IRM Reverse recovery current IF = 5 A, dIF/dt = -100 A/µs, VR = 400 V, Tj = 25° C 3.5 5 tfr Forward recovery time IF = 5 A dIF/dt = 100 A/µs VFR = 1.1 x VFmax, Tj = 25° C 180 ns VFP Forward recovery voltage IF = 5 A dIF/dt = 100 A/µs VFR = 1.1 x VFmax, Tj = 25° C 4V Figure 1. Conduction losses versus average current Figure 2. Forward voltage drop versus forward current 0 1 2 3 4 5 6 7 8 9 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 P (W) F(AV) I (A) F(AV) T δ=tp/T tp δ = 0.05 δ = 0.1 δ = 0.2 δ = 1 δ = 0.5 0 10 20 30 40 50 60 70 80 90 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 I (A) FM V (V) FM T =25°C (maximum values) j T =150°C (maximum values) j T =150°C (typical values) j |