| Zakładka z wyszukiwarką danych komponentów |
|
ADL5391ACPZ-R7 Arkusz danych(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL5391ACPZ-R7 Arkusz danych(HTML) 5 Page - Analog Devices |
|
5 / 16 page ![]() ADL5391 Rev. 0 | Page 5 of 16 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Supply Voltage VPOS 5.5 V ENBL 5.5 V XPLS, XMNS, YPLS, YMNS, ZPLS, ZMNS VPOS GADJ VPOS Internal Power Dissipation 800 mW θJA (With Pad Soldered to Board) 73°C/W Maximum Junction Temperature 150°C Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +150°C Lead Temperature (Soldering 60 sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |