| Zakładka z wyszukiwarką danych komponentów |
|
ICS1894-44 Arkusz danych(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS1894-44 Arkusz danych(HTML) 39 Page - Renesas Technology Corp |
|
39 / 54 page ![]() ICS1894-44 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE PHYCEIVER IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE 39 ICS1894-44 REV B 030112 100M / MII Media Independent Interface: Transmit Latency The table below lists the significant time periods for the MII/100 Stream Interface transmit latency. The time periods consist of timings of signals on the following pins: • TXEN • TXCLK • TXD (that is, TXD[3:0]) • TP_TX (that is, TP_TXP and TP_TXN) The MII/100M Stream Interface Transmit Latency Timing Diagram shows the timing diagram for the time periods. †The IEEE maximum is 18 bit times. MII/100M Stream Interface Transmit Latency Timing Diagram Time Period Parameter Conditions Min. Typ. Max. Units t1 TXEN Sampled to MDI Output of First Bit of /J/ † MII mode – 2.8 3 Bit times TXEN TXCLK TXD TP_TX† † Shown unscrambled. t1 Preamble /K/ Preamble /J/ |