Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STR750FV2H6 Arkusz danych(PDF) 47 Page - STMicroelectronics

Numer części STR750FV2H6
Szczegółowy opis  ARM7TDMI-S, 32-bit MCU with Flash, SMI, 3 std 16-bit timers PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV2H6 Arkusz danych(HTML) 47 Page - STMicroelectronics

Back Button STR750FV2H6 Datasheet HTML 43Page - STMicroelectronics STR750FV2H6 Datasheet HTML 44Page - STMicroelectronics STR750FV2H6 Datasheet HTML 45Page - STMicroelectronics STR750FV2H6 Datasheet HTML 46Page - STMicroelectronics STR750FV2H6 Datasheet HTML 47Page - STMicroelectronics STR750FV2H6 Datasheet HTML 48Page - STMicroelectronics STR750FV2H6 Datasheet HTML 49Page - STMicroelectronics STR750FV2H6 Datasheet HTML 50Page - STMicroelectronics STR750FV2H6 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
STR750F
Electrical parameters
47/71
difference between N+1 consecutive clock rising edges and Tmin is the minimum time
difference between N+1 consecutive clock rising edges.
N should be kept sufficiently large to have a long term jitter (ex: thousands).
For N=1, this becomes the single period jitter.
See Figure 23
●
Cycle-to-cycle jitter (N period jitter)
This corresponds to the time variation between adjacent cycles over a random sample
of adjacent clock cycles pairs. Jitter(cycle-to-cycle) = Max(Tcycle n- Tcycle n-1) for n=1
to N.
See Figure 24
Figure 23.
Self-referred jitter (single and long term)
Figure 24.
Cycle-to-cycle jitter
IDEAL
CK_PLL
trigger point
ACTUAL
CK_PLL
nn+1
n+N
---
long term
jitter
T
single period
jitter
IDEAL
CK_PLL
ACTUAL
CK_PLL
nn+1
T
Tcycle 1
Tcycle 2
n+2
---
Tcycle N-1
n+N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73