| Zakładka z wyszukiwarką danych komponentów |
|
SY88843VEY Arkusz danych(PDF) 5 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
SY88843VEY Arkusz danych(HTML) 5 Page - Micrel Semiconductor |
|
5 / 11 page ![]() 5 SY88843V Micrel, Inc. M9999-110905 hbwhelp@micrel.com or (408) 955-1690 V CC = 3.0V to 3.6V or 4.5V to 5.5V, TA = –40°C to +85°C, RLOAD = 50Ω to VCC; typical values at VCC = 3.3V, TA = 25°C. Symbol Parameter Condition Min Typ Max Units PSRR Power Supply Rejection Ratio 35 dB t r,tf Output Rise/Fall Time Note 7 60 120 ps (20% to 80%) t JITTER Deterministic Note 8 15 psPP Random 5psRMS V ID Differential Input Voltage Swing 10 1800 mVPP V OD Differential Output Voltage Swing 3.3V, Note 7 700 800 950 mVPP 5V, Note 7 700 800 1020 mVPP HYS SD Hysteresis Note 9 2 4.6 8 dB t OFF SD Release Time 0.1 0.5 µs t ON SD Assert Time 0.2 0.5 µs V SR SD Sensitivity Range Note 10 10 35 mVPP B –3dB –3dB Bandwidth 2.0 GHz A V(Diff) Differential Voltage Gain 32 38 dB S 21 Single-Ended Small-Signal Gain 26 32 dB Notes: 7. Amplifier in limiting mode. Input is a 200MHz square wave, t r < 300ps. 8. Deterministic jitter measured using 2.488Gbps K28.5 pattern, V ID = 10mVpp. Random jitter measured using 2.488Gbps K28.7 pattern, VID = 10mVpp. 9. Electrical signal. 10. This is the detectable range of input amplitudes that can de-assert SD. The input amplitude to assert SD is 2–8dB higher than the de-assert amplitude. See “Typical Operating Characteristics” for graphs showing how to choose a particular V SDLVL or RSDLVL for a particular SD de-assert, and its associated assert, amplitude. If increased SD sensitivity and hysteresis are required, an application note entitled “Notes on Sensitivity and Hysteresis in Micrel Post Amplifiers” is available at http://www.micrel.com/product-info/app_hints+notes.shtml. AC ELECTRICAL CHARACTERISTICS |