| Zakładka z wyszukiwarką danych komponentów |
|
STTH810DI Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH810DI Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() STTH810 Characteristics 3/11 Table 4. Dynamic characteristics Symbol Parameter Test conditions Min. Typ Max. Unit trr Reverse recovery time IF = 1 A, dIF/dt = -50 A/µs, VR = 30 V, Tj = 25° C 64 85 ns IF = 1 A, dIF/dt = -100 A/µs, VR = 30 V, Tj = 25° C 47 65 IRM Reverse recovery current IF = 8 A, dIF/dt = -200 A/µs, VR = 600 V, Tj = 125° C 12 16 A S Softness factor IF = 8 A, dIF/dt = -200 A/µs, VR = 600 V, Tj = 125° C 2 tfr Forward recovery time IF = 8 A dIF/dt = 50 A/µs VFR = 1.5 x VFmax, Tj = 25° C 300 ns VFP Forward recovery voltage IF = 8 A, dIF/dt = 50 A/µs, Tj = 25° C 5.5 V Figure 1. Conduction losses versus average current Figure 2. Forward voltage drop versus forward current P(W) 0 2 4 6 8 10 12 14 16 18 012 34567 8 9 10 =0.05 =0.1 =0.2 =0.5 =1 T I(A) F(AV) I (A) FM 0 10 20 30 40 50 60 70 80 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 T j=25°C (Maximum values) T j=150°C (Maximum values) T j=150°C (Typical values) V (V) FM Figure 3. Relative variation of thermal impedance junction to case versus pulse duration Figure 4. Relative variation of thermal impedance junction to case versus pulse duration Z/R th(j-c) th(j-c) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.E-03 1.E-02 1.E-01 1.E+00 Single pulse DO-220AB D²PAK t(s) p Z/R th(j-c) th(j-c) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.E-03 1.E-02 1.E-01 1.E+00 1.E+01 Single pulse TO-220FPAB t(s) p |