| Zakładka z wyszukiwarką danych komponentów |
|
SY88823VEY Arkusz danych(PDF) 7 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
SY88823VEY Arkusz danych(HTML) 7 Page - Micrel Semiconductor |
|
7 / 11 page ![]() 7 SY88823V Micrel, Inc. M9999-110905 hbwhelp@micrel.com or (408) 955-1690 DETAILED DESCRIPTION The SY88823V low-power, limiting post amplifier operates from a single +3.3V ±10% or +5V ±10% power supply, over an industrial temperature range of –40 °C to +85°C. Signals with data rates up to 3.2Gbps and as small as 10mVPP can be amplified. Figure 1 shows the allowed input voltage swing. The SY88823V generates an SD output, providing feedback to EN for output stability. SDLVL sets the sensitivity of the input amplitude detection. Input Amplifier/Buffer The SY88823V’s input is designed for VREF as its nominal DC-bias point. If AC-coupling to the SY88823V, REF can be used as the DC-bias point by externally connecting the inputs through appropriate termination resistors to REF. If DC-coupling to the SY88823V, ensure the upstream device’s output swing meets the SY88823V’s common-mode range. Figure 2 shows a simplified schematic of the input structure. The high sensitivity of the input amplifier detects and amplifies signals as small as 10mVPP. The input amplifier allows input signals as large as 1800mVPP. Input signals are linearly amplified with a typically 38dB differential voltage gain. Since it is a limiting amplifier, the SY88823V outputs typically 800mVPP voltage-limited waveforms for input signals that are greater than 10mVPP. Applications requiring the SY88823V to operate with high gain should have the upstream TIA placed as close as possible to the SY88823V’s input pins to ensure the device’s best performance. Output Buffer The SY88823V’s CML output buffer is designed to drive 50 Ω lines. The output buffer requires appropriate termination for proper operation. An external 50 Ω resistor to VCC or equivalent for each output pin provides this. Figure 3 shows a simplified schematic of the output structure and includes an appropriate termination method. Of course, driving a downstream device with a CML input that is internally terminated with 50 Ω to VCC eliminates the need for external termination. As noted in the previous section, the amplifier outputs, typically 800mVPP, waveforms across 25 Ω total loads. The output buffer thus switches typically 16mA tail- current. Figure 4 shows the power supply current measurement which excludes the 16mA tail-current. Signal Detect The SY88823V incorporates a chatter-free, signal detect (SD) open-collector TTL output with internal 4.75k Ω pull-up resistor as shown in Figure 5. SD is used to determine that the input amplitude large enough to be considered a valid input. SD asserts high if the input amplitude rises above the threshold set by SDLVL and de-asserts low otherwise. SD can be fed back to the enable (EN) input to maintain output stability under a loss of signal condition. EN de-asserts low the true output signal without removing the input signals. Typically, 4.6dB SD hysteresis is provided to prevent chattering. Signal Detect-Level Set A programmable, signal-detect level set pin (SDLVL) sets the threshold of the input amplitude detection. Connecting an external resistor between VCC and SDLVL sets the voltage at SDLVL. This voltage ranges from V CC to VREF. The external resistor creates a voltage divider between VCC and REF as shown in Figure 6. If desired, an appropriate external voltage may be applied rather than using a resistor. The relationship between VSDLVL and RSDLVL is given by: VV – R R+ SDLVL CC SDLVL SDLVL = 13 28 . . where voltages are in volts and resistances are in k Ω. The smaller the external resistor, which implies a smaller voltage difference from SDLVL to VCC, the lower the SD sensitivity. Hence, larger input amplitude is required to assert SD. The “Typical Operating Characteristics” section contains graphs showing the relationship between the input amplitude detection sensitivity and V SDLVL and RSDLVL. Hysteresis The SY88823V provides typically 4.6dB SD electrical hysteresis. By definition, a power ratio measured in dB is 10log(power ratio). Power is calculated as V2 IN/R for an electrical signal. Hence, the same ratio can be stated as 20log(voltage ratio). While in linear mode, the electrical voltage input changes linearly with the optical power and, hence, the ratios change linearly as well. Therefore, the optical hysteresis in dB is half the electrical hysteresis in dB given in the datasheet. The SY88823V provides typically 2.3dB SD optical hysteresis. As the SY88823V is an electrical device, this datasheet refers to hysteresis in electrical terms. With 4.6dB SD hysteresis, a voltage factor of 1.7 is required to assert SD. Hysteresis and Sensitivity Improvement If increased SD sensitivity and hysteresis are required, an application note entitled “Notes on Sensitivity and Hysteresis in Micrel Post Amplifiers” is available at http:// www.micrel.com/product-info/app_hints+notes.shtml. |