| Zakładka z wyszukiwarką danych komponentów |
|
ST4SIM-200M Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST4SIM-200M Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 26 page ![]() 8 Acronyms and abbreviations Table 9. Glossary Term Description 3GPP 3rd Generation Partnership Project AES Advanced encryption standard AID Application identifier APDU Application protocol data unit ARF Access rule file ASN.1 Abstract syntax notation 1 CAT-M LTE card application toolkit (CAT) M CAT-TP Card application toolkit transport protocol CAVE Cellular authentication and voice encryption CDMA Code division multiple access CSIM CDMA subscriber identity module DES Data encryption standard DFN Dual flat no-lead package DNS Domain name server EAL Evaluation assurance level eDRX Extended discontinuous reception eSE Embedded secure element eSIM Embedded SIM ETSI European Telecommunications Standards Institute eUICC Embedded Universal integrated circuit card HTTPS Secured HTTP IEC International electrotechnical commission IMS IP multimedia service or IP Multimedia Core Network Subsystem (IMS) is an architectural framework for delivering IP multimedia services IoT Internet of things ISO International organization for standardization ISIM IP multimedia services identity module JEDEC Joint electron device engineering council (semiconductor engineering standardization) LTE Long-term evolution M2M Machine to machine MD5 The MD5 message-digest algorithm is a widely used hash function producing a 128-bit hash value MNO Mobile network operator NAA Network access application NB-IoT Narrow band Internet of Things NIST National Institute of Standards and Technology NMI Non-maskable interrupt OEM Original equipment manufacturer ST4SIM-200M Acronyms and abbreviations DB4082 - Rev 5 page 20/26 |