Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F3CC Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części F3CC
Szczegółowy opis  AMCC Series Cut Core FINEMET® F3CC Series Cut Core
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

F3CC Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  F3CC Datasheet HTML 1Page - List of Unclassifed Manufacturers F3CC Datasheet HTML 2Page - List of Unclassifed Manufacturers F3CC Datasheet HTML 3Page - List of Unclassifed Manufacturers F3CC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Table 1 Standard specifications for AMCC series cut cores
Standard Specifications
Table 2 Standard specifications for F3CC series cut cores
Lm:平均磁路長 Mean magnetic pass length
Ae:実効断面積 Effective cross section area
AMCC0004
AMCC06R3
AMCC0008
AMCC0010
AMCC016A
AMCC016B
AMCC0020
AMCC0025
AMCC0032
AMCC0040
AMCC0050
AMCC0063
AMCC0080
AMCC0100
AMCC0125
AMCC0160
AMCC0200
AMCC0250
AMCC0320
AMCC0400
AMCC0500
AMCC0630
AMCC800A
AMCC800B
AMCC1000
15
20
20
20
25
25
30
25
30
35
25
30
40
45
35
40
50
60
50
65
55
70
85
85
85
D ( mm )
TYP.
28
31
35
35
35
35
35
41
41
41
52
52
52
52
63
63
63
63
79
79
90
90
90
100
106
E ( mm )
TYP.
50.8
53
52
62
62
72
72
82
82
82
102
102
102
102
121
121
121
128
129
129
135
135
135
155
171
F ( mm )
TYP.
AMCC-4
AMCC-6.3
AMCC-8
AMCC-10
AMCC-16A
AMCC-16B
AMCC-20
AMCC-25
AMCC-32
AMCC-40
AMCC-50
AMCC-63
AMCC-80
AMCC-100
AMCC-125
AMCC-160
AMCC-200
AMCC-250
AMCC-320
AMCC-400
AMCC-500
AMCC-630
AMCC-800A
AMCC-800B
AMCC-1000
品名コード
Product Code
122
128
130
150
150
170
170
194
194
194
244
244
244
244
292
292
292
306
328
328
350
350
350
390
422
111
164
180
180
226
226
271
267
320
373
328
394
525
590
545
623
779
935
902
1173
1128
1435
1743
2091
2300
99
154
172
198
248
281
337
379
454
530
586
703
938
1055
1166
1333
1666
2095
2167
2817
2890
3678
4466
5972
7109
Mass ( g )
TYP.
32.8
33
30
40
40
50
50
56
56
56
70
70
70
70
83
83
83
90
85
85
85
85
85
95
105
C ( mm )
TYP.
10
11
13
13
13
13
13
15
15
15
20
20
20
20
25
25
25
25
35
35
40
40
40
40
40
B ( mm )
TYP.
9
10
11
11
11
11
11
13
13
13
16
16
16
16
19
19
19
19
22
22
25
25
25
30
33
A ( mm )
TYP.
品 名
Part Name
F1AH0792
F1AH0793
F1AH0794
F1AH0795
F1AH0796
F1AH0797
F1AH0798
F1AH0799
F1AH0800
F1AH0801
F1AH0802
F1AH0803
20
20
20
25
25
30
25
30
35
25
30
35
31
35
35
35
35
35
41
41
41
52
52
63
53
52
62
62
72
72
82
82
82
102
102
121
F3CC06.3
F3CC0008
F3CC0010
F3CC016A
F3CC016B
F3CC0020
F3CC0025
F3CC0032
F3CC0040
F3CC0050
F3CC0063
F3CC0125
品名コード
Product Code
128
130
150
150
170
170
194
194
194
244
244
292
156
172
172
215
215
257
254
304
355
312
374
519
149
166
192
240
272
326
366
439
513
567
680
1128
33
30
40
40
50
50
56
56
56
70
70
83
11
13
13
13
13
13
15
15
15
20
20
25
10
11
11
11
11
11
13
13
13
16
16
19
品 名
Part Name
D ( mm )
TYP.
E ( mm )
TYP.
F ( mm )
TYP.
Mass ( g )
TYP.
C ( mm )
TYP.
B ( mm )
TYP.
A ( mm )
TYP.
Lm ( mm )
TYP.
Ae ( mm2 )
TYP.
Lm ( mm )
TYP.
Ae ( mm2 )
TYP.



Html Pages

1 2 3 4