| Zakładka z wyszukiwarką danych komponentów |
|
NA-RTSM Arkusz danych(PDF) 11 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
NA-RTSM Arkusz danych(HTML) 11 Page - Omron Electronics LLC |
|
11 / 36 page ![]() HMI functions work on Windows to flexibly suit various on-site applications Soft-NA provides equivalent functionality to NA5. This Windows application can be used with a wide variety of hardware including a large monitor and environment-resistant monitor, quickly meeting changing users’ needs. Soft-NA runs on an industrial PC or a PC, which allows you to run both your own data collection program and Soft-NA on a PC. Visualization of machine data helps reduce downtime. One Software, Sysmac Studio, manages all program assets The advantages of the integrated development environment, such as sharing NJ/NX Controller variables and integrated Simulator, can be used on Soft-NA. Soft-NA also provides the same NJ/NX Troubleshooter as NA5, assisting in minimizing machine downtime. In addition, if you have screen data for NA5, it can be easily converted into screen data for Soft-NA. N E W Soft-NA HMI Editor Controller Editor Combine with a variety of hardware to fit your environment Screen data Sysmac Studio Soft-NA 11 |