Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BL1102 Arkusz danych(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Numer części BL1102
Szczegółowy opis  single chip dialer IC using Si-gate CMOS process
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BELLING [SHANGHAI BELLING CO., LTD.]
Strona internetowa  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1102 Arkusz danych(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

  BL1102 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL1102 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BL1102series
http://www.belling.com.cn
- 6 -
8/22/2006
Total 9 Pages
Wrote by 2006
DC Characteristic
( VDD -VSS=2.5V,Fosc=3.58MHz,Ta=25
O
C,
all output unloaded except for being indicated.)
Parameter
Symbol
Test Condition
Min.
Typical
Max.
Unit
Operating voltage
VDD
tone
pulse
memory
2.0
2.0
1.0
5.5
5.5
5.5
V
Operating current
IOPT
IOPP
tone
pulse
0.6
0.2
2.0
0.5
mA
Memory retention
current
IMR
HKS=1 , Ta=450OC
VDD = 1.0V
0.1
0.2
µA
Standby current
ISB
HKS=0, N loaded
and N
0.1
5
µA
input
DTMF output voltage
Vto
Row group, RL=5K
130
150
170
mVrms
Pre-emphasis
Column/row group
VDD = 2.0 ~ 5.5V
1
2
3
dB
DTMF distortion
THd
RL=5K
-30
-23
dB
tone output outer
loading resistance
RL
TMD (-23dB)
5
K
tone output DC voltage
VDC
VDD = 2.5~5.5V
1.1
2.8
V
tone output sink current
ITC
VTO = 0.5V
0.2
mA
pulse output drive
current
IPC
VPO = 0.5V
0.5
mA
T/P mute output drive
IMH
VMO = 2.0V
-0.5
mA
/sink current
I ML
VMO = 0.5V
0.5
mute output drive / sink
IKH
VKO = 2.5V
-0.5
mA
current
I KL
VKO = 0.5v
0.5
XMT T/P mute
drive/sink
ILH
VLO = 2.0V
-0.5
mA
current
I LL
VLO = 0.5V
0.5
voltage input low level
VIL
GND
0.3VDD
V
voltage input high level
VI H
0.7VDD
VDD
key input drive/sink
IKD
VI= 0V
10
30
80
µA
current
I KS
VI= 0V
200
400
Pin control input
IIS
HKS,MODE ,M/B
±2.5
µA



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com