| Zakładka z wyszukiwarką danych komponentów |
|
AM29LV320ML101REF Arkusz danych(PDF) 7 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29LV320ML101REF Arkusz danych(HTML) 7 Page - SPANSION |
|
7 / 59 page ![]() December 14, 2005 Am29LV320MH/L 5 DA TA SH EET PRODUCT SELECTOR GUIDE Note: 1. See “AC Characteristics” for full specifications. 2. For the Am29LV320MH/L device, the last numeric digit in the speed option (e.g. 90R, 101, 112, 120) is used for internal purposes only. Please use OPNs as listed when placing orders. BLOCK DIAGRAM Part Number Am29LV320MH/L Speed Option VCC = 3.0–3.6 V 90R (V IO = 3.0–3.6 V) 101R (V IO = 2.7–3.6 V) 112R (V IO = 1.65–3.6 V) 120R (V IO = 1.65–3.6 V) VCC = 2.7–3.6 V 101 (V IO = 2.7–3.6 V) 112 (V IO = 1.65–3.6 V) 120 (V IO = 1.65–3.6 V) Max. Access Time (ns) 90 100 110 120 Max. CE# Access Time (ns) 90 100 110 120 Max. Page access Time (t PACC) 25 30 304030 40 Max. OE# Access Time (ns) 25 30 30 40 30 40 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer V CC Detector State Control Command Register V CC V SS WE# WP#/ACC BYTE# CE# OE# STB STB DQ0 –DQ15 (A-1) Sector Switches RY/BY# RESET# Data Latch Y-Gating Cell Matrix A20–A0 V IO |