| Zakładka z wyszukiwarką danych komponentów |
|
RGBP02 Arkusz danych(PDF) 2 Page - Nanjing International Group Co |
|
|
|||||||||||||||||||||||||||||
RGBP02 Arkusz danych(HTML) 2 Page - Nanjing International Group Co |
|
2 / 3 page ![]() 0 25 50 75 100 125 150 175 200 Typical Characteristics VR D RL IF 0 IF IR IRR t trr I FIG.5: Diagram of circuit and Testing wave form of reverse recovery time Dongguan Nanjing Electronics Ltd. www.dgnjdz.com 2/3 70 60 50 40 30 20 10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 FIG. 3-TYPICAL FORWARD VOLTAGE CHARACTERISTICS Number of cycles FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PERLEG FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT Instantaneou Foward Voltage 1 100 10 1 0.1 0.01 Percent Of Rated Peak Reverse Voltage(%) FIG. 4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS Lead Temperature 10 2.0 1.5 1.0 0.5 0.0 Volts 0.01 0.1 1.0 10 100 0 20 40 60 80 100 120 140 T = 25 C j ° T = 125 C j ° TJ=25 Pulse width=300us 1% Duty Cycle 8.3ms Single Half Sine Wave Tc(℃) |