Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NUCLEO-F030R8 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części NUCLEO-F030R8
Szczegółowy opis  STM32 Nucleo-64 boards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NUCLEO-F030R8 Arkusz danych(HTML) 1 Page - STMicroelectronics

  NUCLEO-F030R8 Datasheet HTML 1Page - STMicroelectronics NUCLEO-F030R8 Datasheet HTML 2Page - STMicroelectronics NUCLEO-F030R8 Datasheet HTML 3Page - STMicroelectronics NUCLEO-F030R8 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
July 2015
DocID025838 Rev 7
1/4
NUCLEO-XXXXRX
STM32 Nucleo-64 boards
Data brief
Features
 STM32 microcontroller with LQFP64 package
 Two types of extension resources
– Arduino Uno Revision 3 connectivity
– STMicroelectronics Morpho extension pin
headers for full access to all STM32 I/Os
 mbed-enabled (http://mbed.org)
 On-board ST-LINK/V2-1
debugger/programmer with SWD connector
– selection-mode switch to use the kit as a
standalone ST-LINK/V2-1
 Flexible board power supply
– USB VBUS or external source
(3.3 V, 5 V, 7 - 12 V)
– Power management access point
 Three LEDs
– USB communication (LD1), user LED
(LD2), power LED (LD3)
 Two push buttons: USER and RESET
 USB re-enumeration capability: three different
interfaces supported on USB
– Virtual Com port
– Mass storage
– Debug port
 Supported by wide choice of Integrated
Development Environments (IDEs) including
IAR™, Keil®, GCC-based IDEs
1. Picture not contractual
Description
The STM32 Nucleo board provides an affordable
and flexible way for users to try out new ideas and
build prototypes with any STM32 microcontroller
line, choosing from the various combinations of
performance, power consumption and features.
The Arduino™ connectivity support and ST
Morpho headers make it easy to expand the
functionality of the STM32 Nucleo open
development platform with a wide choice of
specialized shields. The STM32 Nucleo board
does not require any separate probe as it
integrates the ST-LINK/V2-1 debugger and
programmer. The STM32 Nucleo board comes
with the STM32 comprehensive software HAL
library together with various packaged software
examples, as well as direct access to mbed online
resources.
Table 1. Device summary
Reference
Part number
NUCLEO-XXXXRX
NUCLEO-F030R8, NUCLEO-F070RB,
NUCLEO-F072RB, NUCLEO-F091RC,
NUCLEO-F103RB, NUCLEO-F302R8,
NUCLEO-F303RE, NUCLEO-F334R8,
NUCLEO-F401RE, NUCLEO-F410RB,
NUCLEO-F411RE, NUCLEO-F446RE,
NUCLEO-L053R8, NUCLEO-L073RZ,
NUCLEO-L152RE, NUCLEO-L476RG
www.st.com


Podobny numer części - NUCLEO-F030R8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
NUCLEO-F030R8 ETC2-NUCLEO-F030R8 Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
logo
STMicroelectronics
NUCLEO-F030R8 STMICROELECTRONICS-NUCLEO-F030R8 Datasheet
263Kb / 5P
STM32 Nucleo-64 board
29-Nov-2016
NUCLEO-F030R8 STMICROELECTRONICS-NUCLEO-F030R8 Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-F030R8 STMICROELECTRONICS-NUCLEO-F030R8 Datasheet
8Mb / 5P
SPI display expansion board for STM32 Nucleo
for
NUCLEO-F030R8 STMICROELECTRONICS-NUCLEO-F030R8 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
More results

Podobny opis - NUCLEO-F030R8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
NUCLEO-F030R8 ETC2-NUCLEO-F030R8 Datasheet
239Kb / 4P
STM32 Nucleo-64 boards
UM1724 ETC2-UM1724 Datasheet
1Mb / 65P
STM32 Nucleo-64 boards
UM1956 ETC2-UM1956 Datasheet
781Kb / 31P
STM32 Nucleo-32 boards
UM1974 ETC2-UM1974 Datasheet
2Mb / 62P
STM32 Nucleo-144 board
logo
STMicroelectronics
NUCLEO-F030R8 STMICROELECTRONICS-NUCLEO-F030R8 Datasheet
263Kb / 5P
STM32 Nucleo-64 board
29-Nov-2016
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX Datasheet
406Kb / 6P
STM32 Nucleo-64 boards
December 2017 Rev 10
NUCLEO-L4P5ZG STMICROELECTRONICS-NUCLEO-L4P5ZG Datasheet
1Mb / 8P
STM32 Nucleo-144 boards
26-Nov-2019
NUCLEO-XXXXZX STMICROELECTRONICS-NUCLEO-XXXXZX Datasheet
1Mb / 9P
STM32 Nucleo-144 boards
24-Jun-2021
X-NUCLEO-GFX01M2 STMICROELECTRONICS-X-NUCLEO-GFX01M2 Datasheet
922Kb / 5P
SPI display expansion boards for STM32 Nucleo-64
20-Oct-2021
NUCLEO-XXXXRX STMICROELECTRONICS-NUCLEO-XXXXRX_V01 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com