| Zakładka z wyszukiwarką danych komponentów |
|
ADV7340EBZ Arkusz danych(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7340EBZ Arkusz danych(HTML) 5 Page - Analog Devices |
|
5 / 88 page ![]() ADV7340/ADV7341 Rev. 0 | Page 5 of 88 SPECIFICATIONS POWER SUPPLY AND VOLTAGE SPECIFICATIONS All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted. Table 2. Parameter Conditions Min Typ Max Unit SUPPLY VOLTAGES VDD 1.71 1.8 1.89 V VDD_IO 2.97 3.3 3.63 V PVDD 1.71 1.8 1.89 V VAA 2.6 3.3 3.465 V POWER SUPPLY REJECTION RATIO 0.002 %/% VOLTAGE REFERENCE SPECIFICATIONS All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted. Table 3. Parameter Conditions Min Typ Max Unit Internal Reference Range, VREF 1.186 1.248 1.31 V External Reference Range, VREF 1.15 1.235 1.31 V External VREF Current1 ±10 μA 1 External current required to overdrive internal VREF. INPUT CLOCK SPECIFICATIONS VDD = 1.71 V to 1.89 V. PVDD = 1.71 V to 1.89 V. VAA = 2.6 V to 3.465 V. VDD_IO = 2.97 V to 3.63 V. All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted. Table 4. Parameter Conditions1 Min Typ Max Unit fCLKIN_A SD/ED 27 MHz fCLKIN_A ED (at 54 MHz) 54 MHz fCLKIN_A HD 74.25 MHz fCLKIN_B ED 27 MHz fCLKIN_B HD 74.25 MHz CLKIN_A High Time, t9 40 % of one clock cycle CLKIN_A Low Time, t10 40 % of one clock cycle CLKIN_B High Time, t9 40 % of one clock cycle CLKIN_B Low Time, t10 40 % of one clock cycle CLKIN_A Peak-to-Peak Jitter Tolerance 2 ±ns CLKIN_B Peak-to-Peak Jitter Tolerance 2 ±ns 1 SD = standard definition, ED = enhanced definition (525p/625p), HD = high definition. |