| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F616 Arkusz danych(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616 Arkusz danych(HTML) 2 Page - Microchip Technology |
|
2 / 2 page ![]() Visit our web site for additional product information. Additional Information • PIC16F616/16HV616 Data Sheet, DS41288 • PIC12F615/12HV615, PIC16F616/16HV616 Product Brief, DS41272 • AN1035 - Designing with HV Microcontrollers, DS01035 • 8-bit PIC Microcontroller Solutions Brochure, DS39630 • Low Cost Development Tools Guide, DS51560 • 2006 Product Line Card, DS00890 • Microchip Product Selector Guide, DS00148 Links/Sample/Purchasing Information • Web Link: www.microchip.com/fancontrol • Web Link: www.microchip.com/motorcontrol • Web Link: www.microchip.com/startnow • Online Sampling: www.sample.microchip.com • Online Purchasing: www.microchipdirect.com Microchip Technology Inc. • 2355 W. Chandler Blvd. • Chandler, AZ 85224-6199 Information subject to change. The Microchip name and logo, the Microchip logo, PIC and PICmicro are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. All other trademarks mentioned herein are property of their respective companies. © 2006, Microchip Technology Incorporated. All Rights Reserved. Printed in the U.S.A. 7/06 DS41294A *DS41294A* www.microchip.com/startnow Microchip Fan Control Solution Component Cost Savings: • Voltage Regulator • Input Signal Conditioning • Hall Effect Sensor Improvements: • Hardware PWM • Greater control and response • Meets latest industry fan control specifications PWM Control Timer1 gate feature enables all-digital period and duty cycle sensing Internal pull-up resistors reduce component count VDD Internal shunt regulator allows 12, 24, 48V operation Hardware PWM output for half- and full-bridge drive Direct Hall Element interface with built-in comparator hysteresis reduces component cost PIC12HV615 PIC16HV616 Programmable control for customizeable features such as: • PID control • Alert output • Tachometer output • Temperature-based control • Failure detect and retry Motor Drive Hall Sensor High Voltage and Fan Control 8-bit PIC®Microcontrollers Product Flash Program Memory Words RAM Bytes I/O Pins Analog Internal Oscillator Digital High Voltage Support Packages ECCP* ADC Comp.† Timers/WDT PIC12F609 1K 64 6 -- -- 1 4/8 MHz 1 16-bit, 2 8-bit, 1 EWDT No 8MD, 8P, 8SN PIC12HV609 1K 64 6 -- -- 1 4/8 MHz 1 16-bit, 2 8-bit, 1 EWDT Yes 8MD, 8P, 8SN PIC12F615 1K 64 6 Half Bridge 4 x 10-bit 1 4/8 MHz 1 16-bit, 2 8-bit, 1 EWDT No 8MD, 8P, 8SN PIC12HV615 1K 64 6 Half Bridge 4 x 10-bit 1 4/8 MHz 1 16-bit, 2 8-bit, 1 EWDT Yes 8MD, 8P, 8SN PIC16F610 1K 72 12 -- -- 2 4/8 MHz 1 16-bit, 2 8-bit, 1 EWDT No 14P, 14SL, 14ST, 16ML PIC16HV610 1K 72 12 -- -- 2 4/8 MHz 1 16-bit, 2 8-bit, 1 EWDT Yes 14P, 14SL, 14ST, 16ML PIC16F616 2K 128 12 Full Bridge 8 x 10-bit 2 4/8 MHz 1 16-bit, 2 8-bit, 1 EWDT No 14P, 14SL, 14ST, 16ML PIC16HV616 2K 128 12 Full Bridge 8 x 10-bit 2 4/8 MHz 1 16-bit, 2 8-bit, 1 EWDT Yes 14P, 14SL, 14ST, 16ML Package Key: MD = DFN, ML = QFN, P = PDIP, SL = SOIC (14-lead .150 ″), SN = (8-lead .150″), ST = TSSOP Tape & reel as well as extended temperature options are available. *Enhanced Capture/Compare Pulse Width Modulation †Comparator hysteresis can be disabled and used like a typical comparator. |